PART |
Description |
Maker |
DS2411 DS2411P DS2411P_TR DS2411R_TR DS2411X DS241 |
Silicon Serial Number with VCC Input
|
MAXIM - Dallas Semiconductor Dallas Semiconducotr
|
24C04A-I/SN 24C04A-I/SM 24C04A-I/SL 24C04AT-I/SL 2 |
Silicon Serial Number I2C Serial EEPROM I2C串行EEPROM
|
Coilcraft, Inc.
|
DS2401X-88A-C21T DS2401AX1-03A-A02 DS2401PCFM DS24 |
Silicon Serial Number
|
MAXIM - Dallas Semiconductor
|
DS2401P DS2401T-SL DS2401X1 DS2401Y DS2401Z DS2401 |
Silicon Serial Number 硅序列号
|
Maxim Integrated Products, Inc. Yellow Stone, Corp. Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
TG1.8.682J TM1.4.332JNBSP TM1.4.332J RTH22ES682J T |
Positive - Temperature - Coefficient Silicon Thermistors From old datasheet system SENSISTORS SILICON THERMISTORS Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4 RoHS Compliant: Yes 硅热敏电 POSITIVE TEMPERATURE COEFFICIENT SILICON THERMISTORS 硅正温度系数热敏电阻
|
List of Unclassifed Manufacturers MICROSEMI[Microsemi Corporation] ETC[ETC] Electronic Theatre Controls, Inc. Microsemi, Corp.
|
BYW2750 BYW27-100 BYW27-1000 BYW27-200 BYW27-400 B |
TL Series Toggle Switch, 1 pole, 3 position, Screw terminal, Locking Lever, Military Part Number MS24658-33K 1 A, 800 V, SILICON, SIGNAL DIODE, DO-204AL Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Silicon Rectifiers
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
MAX1603 MAX1603EAI MAX159BMJA MAX159BEPA MAX159AEU |
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin MAX 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin ?MAX 2.7V Low-Power 2-Channel 108ksps Serial 10-Bit ADCs in 8-Pin ?MAX KPSE 12C 8#20 4#16 PIN RECP 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX 2.7V、低功耗通道108ksps、串0位ADC引脚µMAX封装 CAP 33UF 100V ELECT TG SMD
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC MAXIM INTEGRATED PRODUCTS INC
|
BYT85-800 BYT85 BYT85-1000 BYT85-600 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Temperature Max:105 C RoHS Compliant: Yes From old datasheet system Ultra Fast Recovery Silicon Power Rectifier
|
Vishay Telefunken Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] http://
|
24C512 AT24C512 AT24C512-10PC AT24C512-10PC-1.8 AT |
Quadruple 2-Input Positive-OR Gates 14-TVSOP -40 to 85 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PBGA8 2-wire Serial EEPROM 64K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 CABLE 9539, 9CORE, PER M; Cores, No. of:9; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:6.2mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Approval Bodies:CSA, SRPVC, UL RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes 320 x 240 pixel format, LED or CFL Backlight 2-wireSerialEEPROM
|
Atmel, Corp. PROM Atmel Corp. ATMELCorporation ATMEL[ATMEL Corporation]
|
DCF015 |
; Base number:4; I/O lines, No. of:64; Logic function number:M4; Macrocells, No. RoHS Compliant: Yes High-Speed Switching Diode
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|